Electronic Components Datasheet Search
  English  ▼

X  

STV0676 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics STV0676 Datasheet HTML 10Page - STMicroelectronics STV0676 Datasheet HTML 11Page - STMicroelectronics STV0676 Datasheet HTML 12Page - STMicroelectronics STV0676 Datasheet HTML 13Page - STMicroelectronics STV0676 Datasheet HTML 14Page - STMicroelectronics STV0676 Datasheet HTML 15Page - STMicroelectronics STV0676 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
External interfaces
STV0676
12/21
Revision C
2.4.3
CheckSum
The checksum is calculated by adding the byte value of EEPROM locations 0 to 12 inclusive, the
low order byte of the result is stored in location 13.
2.5
I2C slave mode
STV0676 can be configured to behave as an I2C slave. This allows the device to be configured by
host devices other than PCs. Details of the I2C messages supported and description of the I2C
register bank are available from STMicroelectronics.
2.6
Digiport
The Digiport is a 10-bit bi-directional data port which can be used to transfer video data in or out of
the device. This port can also be used to configure USB descriptor information at power up see
(
Section 2.3). Full details on the digiport operation and control are available from
STMicroelectronics.
2.7
General purpose input and output
STV0676 provides up to 8 pins which can be used as general purpose I/O. These pins can be used
to interface to led’s, buzzers, switches etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com