Electronic Components Datasheet Search
  English  ▼

X  

STV0676 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 12Page - STMicroelectronics STV0676 Datasheet HTML 13Page - STMicroelectronics STV0676 Datasheet HTML 14Page - STMicroelectronics STV0676 Datasheet HTML 15Page - STMicroelectronics STV0676 Datasheet HTML 16Page - STMicroelectronics STV0676 Datasheet HTML 17Page - STMicroelectronics STV0676 Datasheet HTML 18Page - STMicroelectronics STV0676 Datasheet HTML 19Page - STMicroelectronics STV0676 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Pinout and pin descriptions
STV0676
16/21
Table 10: STV0676 pin description
Pin
Signal
Type
Description
POWER SUPPLIES
4
PLL_VDD
INPUT
VDD for internal phase locked loop
5
PLL_VSS
INPUT
GND for internal phase locked loop
8
CORE_VDD
INPUT
VDD for core logic
9
CORE_VSS
INPUT
Ground for core logic
10
IO_VDD
INPUT
VDD for pad ring
11
IO_VSS
INPUT
Ground for pad ring
22
IO_VDD
INPUT
VDD for pad ring
23
IO_VSS
INPUT
Ground for pad ring
24
CORE_VDD
INPUT
VDD for core logic
25
CORE_VSS
INPUT
Ground for core logic
39
IO_VDD
INPUT
VDD for pad ring
40
IO_VSS
INPUT
Ground for pad ring
49
IO_VSS
INPUT
Ground for pad ring
57
IO_VDD
INPUT
VDD for pad ring
58
IO_VSS
INPUT
Ground for pad ring
59
CORE_VDD
INPUT
VDD for core logic
60
CORE_VSS
INPUT
Ground for core logic
DEVICE MASTER CLOCK AND RESET
6
XTAL_IN
ANA
System clock pad
7
XTAL_OUT
OSC
System clock pad
33
RESET_N
SCHMITT
System, power-on-reset supplied by companion sensor
DIGIPORT/USB CONFIGURATION INTERFACE
12
DIGIPORT[9]
BIDIR
Digiport operation
13
DIGIPORT[8]
BIDIR
Digiport operation
14
DIGIPORT[7]
BIDIR
Digiport operation /programmable USB current consumption reported
15
DIGIPORT[6]
BIDIR
Digiport operation /programmable USB current consumption reported
16
DIGIPORT[5]
BIDIR
Digiport operation /programmable USB VID/PID
17
DIGIPORT[4]
BIDIR
Digiport operation /programmable USB VID/PID
18
DIGIPORT[3]
BIDIR
Digiport operation /programmable USB PID
19
DIGIPORT[2]
BIDIR
Digiport operation /programmable USB PID
20
DIGIPORT[1]
BIDIR
Digiport operation /programmable USB PID
21
DIGIPORT[0]
BIDIR
Digiport operation /programmable USB PID
SENSOR INTERFACE
26
SENSOR_CLK
BIDIR
Sensor clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com