Electronic Components Datasheet Search
  English  ▼

X  

STV0676 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 10Page - STMicroelectronics STV0676 Datasheet HTML 11Page - STMicroelectronics STV0676 Datasheet HTML 12Page - STMicroelectronics STV0676 Datasheet HTML 13Page - STMicroelectronics STV0676 Datasheet HTML 14Page - STMicroelectronics STV0676 Datasheet HTML 15Page - STMicroelectronics STV0676 Datasheet HTML 16Page - STMicroelectronics STV0676 Datasheet HTML 17Page - STMicroelectronics STV0676 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Detailed specifications
STV0676
14/21
4
Detailed specifications
4.1
STV0676 absolute maximum ratings
4.2
STV0676 AC/DC characteristic
Description
Range
Unit
Operating Temperature
0 to 70
oC
Storage Temperature
-50 to 150
oC
Parameter
Description
Min
Typ
Max
Units
VDD_CORE
Primary STV0676 power supply
1.55
1.8
1.95
V
VDD_IO
3.3V power supply for on-chip USB transceiver and IO
3.0
3.3
3.6
V
VDD_PLL
Analog supply to the PLL
1.60
1.8
2.0
V
I_coresuspend
Current consumption in suspend mode
3
µA
I_corestandby
Current consumption in standby mode
9.6
mA
I_coreactive
Current consumption while active, VGA 30fps
52
mA
I_IOsuspend
Current consumption in suspend mode
40
µA
I_IOstandby
Current consumption in standby mode
540
µA
I_IOactive
Current consumption while active, VGA 30fps
6.6
mA
I_PLLsuspend
Current consumption in suspend mode
0.4
µA
I_PLLstandby
Current consumption in standby mode
476
µA
I_PLLactive
Current consumption while active, VGA 30fps
476
µA
VIl
CMOS input low voltage (XTAL_IN)
0.687
V
VIH
CMOS input high voltage (XTAL_IN)
1.19
V
VHYS
Hysteresis (XTAL_IN)
0.51
V
VIl
CMOS input low voltage
0.35VDD
V
VIH
CMOS input high voltage
0.65VDD
V
VT+
CMOS schmitt input low to high threshold voltage
2.15
V
VT-
CMOS schmitt input high to low threshold voltage
1.05
V
VT
Threshold point
1.65
V
VOH
Output high voltage
2.4
V
VOL
Output low voltage
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com