Electronic Components Datasheet Search
  English  ▼

X  

STV0676 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 5 Page - STMicroelectronics

  STV0676 Datasheet HTML 1Page - STMicroelectronics STV0676 Datasheet HTML 2Page - STMicroelectronics STV0676 Datasheet HTML 3Page - STMicroelectronics STV0676 Datasheet HTML 4Page - STMicroelectronics STV0676 Datasheet HTML 5Page - STMicroelectronics STV0676 Datasheet HTML 6Page - STMicroelectronics STV0676 Datasheet HTML 7Page - STMicroelectronics STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
STV0676
Overview
1
Overview
1.1
STV0676 co-processor general description
The STV0676 is a digital video processor requiring no external RAM and a minimum of passive
support components to provide a complete USB camera. STV0676 accepts raw digital video data
from a ST VGA or CIF format CMOS sensor and is capable of transferring the resulting JPEG data
to a host PC over USB at rates up to 30 frames per second VGA.
The internal STV0676 architecture consists of a number of separate functional blocks:
q
Video processor (VP)
q
Video compressor (VC)
q
USB control block
q
General purpose controller
The VP controls the sensor and processes the raw RGB pixel data into YCbCr images.
This YCbCr data is compressed by the VC.
The USB control block transfers the compressed data to the host PC.
1.2
Video processor (VP)
1.2.1
Sensor interface
The VP interfaces directly to the image sensor. The sensor interface comprises:
q
5-wire data bus SDATA[4:0] for receiving both video data and embedded timing references,
q
2-wire serial control interface (SSDA, SSCL),
q
sensor clock SCLK
q
reset circuitry
q
sensor suspend control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com