Electronic Components Datasheet Search
  English  ▼

X  

STV0676 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 13Page - STMicroelectronics STV0676 Datasheet HTML 14Page - STMicroelectronics STV0676 Datasheet HTML 15Page - STMicroelectronics STV0676 Datasheet HTML 16Page - STMicroelectronics STV0676 Datasheet HTML 17Page - STMicroelectronics STV0676 Datasheet HTML 18Page - STMicroelectronics STV0676 Datasheet HTML 19Page - STMicroelectronics STV0676 Datasheet HTML 20Page - STMicroelectronics STV0676 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
STV0676
Pinout and pin descriptions
27
SENSOR_DB[5]
INPUT
Sensor data bus [bit5]
28
SENSOR_DB[4]
INPUT
Sensor data bus [bit4]
29
SENSOR_DB[3]
INPUT
Sensor data bus [bit3]
30
SENSOR_DB[2]
INPUT
Sensor data bus [bit2]
31
SENSOR_DB[1]
INPUT
Sensor data bus [bit1]
32
SENSOR_DB[0]
INPUT
Sensor data bus [bit0]
34
SSDA
3 state
Sensor serial interface data
35
SSCL
3 state
Sensor serial interface clock
36
SPDN
BIDIR
Control line to sensor to select ultra low power SUSPEND mode
MISC CONTROL
37
SW1 _N
INPUT
Spare switch input
38
SW0 _N
INPUT
Remote wakeup
GPIO INTERFACE/ OTHER
41
GPIO[0]
BIDIR
General purpose input/output (GPIO)
42
GPIO[1]
BIDIR
General purpose input/output (GPIO)
43
GPIO[2]
BIDIR
General purpose input/output (GPIO)
44
GPIO[3]
BIDIR
General purpose input/output (GPIO)
45
GPIO[4]
BIDIR
General purpose input/output (GPIO)
46
GPIO[5]
BIDIR
General purpose input/output (GPIO)
47
GPIO[6]
BIDIR
General purpose input/output (GPIO)
48
GPIO[7]
BIDIR
General purpose input/output (GPIO)
50
MODESEL[0]
BIDIR
Along with ModeSel[1] used to configure I2C interface and PID/VID
selection. Please see
Table 3 for further details
51
RESERVED[0]
BIDIR
Not connect in reference design
52
RESERVED[1]
BIDIR
Connect to VDD in reference design
53
MODESEL[1]
BIDIR
Along with ModeSel[0] used to configure I2C interface and PID/VID
selection. Please see
Table 3 for further details
54
RESERVED[2]
BIDIR
Connect to VDD in reference design
55
RESERVED[3]
BIDIR
Not connect in reference design
56
RESERVED[4]
BIDIR
Not connect in reference design
Table 10: STV0676 pin description
Pin
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com