Electronic Components Datasheet Search
  English  ▼

X  

M63155FP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 33Page - Renesas Technology Corp M63155FP Datasheet HTML 34Page - Renesas Technology Corp M63155FP Datasheet HTML 35Page - Renesas Technology Corp M63155FP Datasheet HTML 36Page - Renesas Technology Corp M63155FP Datasheet HTML 37Page - Renesas Technology Corp M63155FP Datasheet HTML 38Page - Renesas Technology Corp M63155FP Datasheet HTML 39Page - Renesas Technology Corp M63155FP Datasheet HTML 40Page - Renesas Technology Corp M63155FP Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 38 of 40
Reference Values of the External Parts
Value
External Parts Name
Notes
Symbol
Min.
Typ.
Max.
Units
Cvm
Bypass Condenser for VM
Cvm
-
10
-
µF
FET1~FET6
Nch Power MOS FET
Ciss
-
1200
-
pF
Rg1~Rg6
Gate Resistances of FETs
Rg
-
10
-
Ω
Ro1~Ro3
Output Resistances for
Motor Coils
Ro
-
10
-
Ω
Rgs1~Rgs3
Gate-Source Resistances
of FETs
Rgs
-
100
-
k
Ω
SD1~SD4
Schottky Diode
VF
-
-
0.5
V
ZD1~ZD5
Zener Diode
Vak
-
13
-
V
RS
Motor Current Sensing
Resister
RS
-
0.4
-
Ω
Rnf
RS terminal Filtering
Resister
Rnf
-
430
-
Ω
Cnf
RS terminal Filtering
Condenser
Cnf
-
180
-
pF
Rh1~Rh3
Hall Input Pull-up Resister
Rh
-
10
-
k
Ω
Ccp, Cgt
Bypass Condenser for
Charge-pump Voltage
Ccp1
-
4.7
-
µF
Cgb
Bypass Condenser for
Charge-pump Voltage
(Power Loss Hold up of
500mS.)
Ccp2
-
33
-
µF
Cp1~3
Charge-pump Condenser
Cp
-
470
-
nF
Rosc
External Resistance for
Oscillator
Rosc
-
15
-
k
Ω
PNP
External PNP Tr. for 5V
Regulator
hfe
100
-
-
-
RSR
5V Regulator Current
Sensing Resistance
RSR
-
10
-
Ω
Creg1
Phase Compensation
Condenser for 5V Reg. 1
Creg1
-1
-nF
Creg2
Phase Compensation
Condenser for 5V Reg. 2
Creg2
-1
-nF
Cvcc1
Bypass Condenser for
VCC1
Cvcc1
-
10
-
µF
Cvcc2
Bypass Condenser for
VCC2
Cvcc2
-
10
-
µF
Cregc
Bypass Condenser for
REGC
Cregc
10
-
µF
Rfg, Rflt
FG, FLT Output Pull- Up
Resistances
Rd
-
100
-
k
Ω
Rct1
Current Control input Gain
Resistances 1
Rct1
-2
-k
Ω
Rct2
Current Control input Gain
Resistances 2
Rct2
-
0.5
-
k
Ω
Rcl
Current Control Off Time
Resistance
Rcl
2.5
-
-
k
Ω
Rcin
Current Control input
Impedance Compensation
Rci
-
0.03
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com