Electronic Components Datasheet Search
  English  ▼

X  

M63155FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 4Page - Renesas Technology Corp M63155FP Datasheet HTML 5Page - Renesas Technology Corp M63155FP Datasheet HTML 6Page - Renesas Technology Corp M63155FP Datasheet HTML 7Page - Renesas Technology Corp M63155FP Datasheet HTML 8Page - Renesas Technology Corp M63155FP Datasheet HTML 9Page - Renesas Technology Corp M63155FP Datasheet HTML 10Page - Renesas Technology Corp M63155FP Datasheet HTML 11Page - Renesas Technology Corp M63155FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 8 of 40
Electrical characteristics
(Unless otherwise noted Ta=25°C, VM=12V, VCC1=VCC2=5V)
Limits
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
POWER SUPPLY (VM, VCC1, VCC2, VCP, VGB, VGT)
Im
Motor Power Supply
Current
at VM
Normal Control Mode
The motor is not driven
-2.3
5.0
mA
at VCC1
Normal Control Mode
The motor is not driven
-4
7
mA
Ivcc
5V Power Supply
Current
at VCC2
Normal Control Mode
The motor is not driven
-16
33
mA
Vcp
Charge-pump Output
Voltage
at VCP,
no gate driving
7.0
8.5
10.0
V
Vgb
Bottom-side Gate
Supply Voltage
at VGB,
ILVGB=ILVGT=7.0mA
8.5
11.5
-
V
Vgt
Top-side Gate Supply
Voltage
at VGT,
ILVGB=ILVGT=7.0mA
VM
+7.5
VM
+9.5
-V
Tcp
Charge-pump (VCP)
Pre-charge Time
fosc=1MHz,
Cp1=470nF, Ccp=4.7
µF
*Refer to the Fig.1.
-4
4.8
msec
Tgb
Charge-pump (VGB)
Pre-charge Time
fosc=1MHz,
Cp2=470nF, Cgb=33
µF
* Refer to the Fig.1.
-
28
33.6
msec
Tgt
Charge-pump (VGT)
Pre-charge Time
fosc=1MHz,
Cp3=470nF, Cgt=4.7
µF
* Refer to the Fig.1.
-4
4.8
msec
Fosc
Oscillator Frequency
Rosc=15k
Ω
6.4
8.0
9.6
MHz
0V
0V
50%
12V
8.6V
(12.2V, VM+10.8V)
90%
Tcp
(Tgb, Tgt)
VM
(VCC2=REGC)
VCP
(VGB, VGT)
Fig.1 Charge-pump Pre-charge Time Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com