Electronic Components Datasheet Search
  English  ▼

X  

M63155FP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 28Page - Renesas Technology Corp M63155FP Datasheet HTML 29Page - Renesas Technology Corp M63155FP Datasheet HTML 30Page - Renesas Technology Corp M63155FP Datasheet HTML 31Page - Renesas Technology Corp M63155FP Datasheet HTML 32Page - Renesas Technology Corp M63155FP Datasheet HTML 33Page - Renesas Technology Corp M63155FP Datasheet HTML 34Page - Renesas Technology Corp M63155FP Datasheet HTML 35Page - Renesas Technology Corp M63155FP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 32 of 40
I/O Circuit
< REGC >
< VM, VCC2, CP1, CP2, VCP, CP3, CP4, VGB, CP5, CP6, VGT >
< CTL >
< TCL >
< UT, U, VT, V, WT, W >
VCC2
CP1
CP2
VCP
CP4
VGB
CP3
CP6
VGT
CP5
VM
REGC
17K
19K
< REGE >
VM
REGE
2K
VCC1
OSC2
5K
VCC1
TCL
2K
< RSS >
VM
RSS
2K
< OSC1 >
OSC1
VCC1
< OSC2 >
VCC1
CTL
2K
< SGND >
VCC1
SGND
90K
30K
60K
VCC1
BRK,BRS, DS,
FR,RST, FCE
2K
< BRK, BRS, DS, FR, RST, FCE >
48K
VCC1
< REGR >
VM
REGR
800
VM
< REGB >
VM
REGB
50K
< REGL >
VM
REGL
1K
< UB, VB, WB, RSM >
UT, VT, WT
U, V, W
VGT
VM
UB, VB, WB
RSM
VGB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com