Electronic Components Datasheet Search
  English  ▼

X  

M63155FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 8Page - Renesas Technology Corp M63155FP Datasheet HTML 9Page - Renesas Technology Corp M63155FP Datasheet HTML 10Page - Renesas Technology Corp M63155FP Datasheet HTML 11Page - Renesas Technology Corp M63155FP Datasheet HTML 12Page - Renesas Technology Corp M63155FP Datasheet HTML 13Page - Renesas Technology Corp M63155FP Datasheet HTML 14Page - Renesas Technology Corp M63155FP Datasheet HTML 15Page - Renesas Technology Corp M63155FP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 12 of 40
Electrical characteristics
(Unless otherwise noted Ta=25°C, VM=12V, VCC1=VCC2=5V)
Limits
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
LOGIC INPUT (DS, FR, BRS, BRK)
Vlgh
Logic High-State
Input Voltage
2.0
-
-
V
Vlgl
Logic Low-State
Input Voltage
--
1.0
V
Ilgh
Logic High-State
Input Current
Vlg= 5V
-
100
150
µA
Ilgl
Logic Low-State
Vlg= 0V
-1.0
0
-
µA
LOGIC INPUT[Level shift] (PWM)
Vlsh
Logic High-State
Input Voltage
3.2
-
-
V
Vlsl
Logic Low-State
Input Voltage
--
2.8
V
Ilsh
Logic High-State
Input Current
Vls=11.5V
-
0
1
µA
Ilsl
Logic Low-State
Vls=0V
-1
0
-
µA
GATE DRIVE OUTPUTS (UT, VT, WT, UB, VB, WB)
Vtoh
Top Side Gate Drive
High State Voltage
Vtoh=VGT-UT, VGT-VT,
VGT-WT
Iload = -10 mA , Rg=0
Ω
-0.7
1.2
V
Vtol
Top Side Gate Drive
Low State Voltage
Vtol=UT-U, VT-V, WT-
W
Iload = 10 mA , Rg=0
Ω
-
0.25
0.40
V
Vboh
Bottom Side Gate Drive
High State Voltage
Vboh=VGB-UB, VGB-
VB, VGB-WB
Iload = -10 mA , Rg=0
Ω
-0.7
1.2
V
Vbol
Bottom Side Gate Drive
Low State Voltage
Vbol=UB-RS, VB-RS,
WB-RS
Iload = 10 mA , Rg=0
Ω
-
0.25
0.40
V
Ton
Turn-on Delay
*Refer to the Fig.3.
-
150
-
nsec
Toff
Turn-off Delay
*Refer to the Fig.3.
-
100
-
nsec
Ttr
Top Side Switching
Rise Time
-
200
-
nsec
Ttf
Top Side Switching
Fall Time
CL =1200pF, Rg=0
Ω
*Refer to the Fig.3.
-80
-nsec
Tbr
Bottom Side Switching
Rise Time
-
200
-
nsec
Tbf
Bottom Side Switching
Fall Time
CL=1200pF, Rg=0
Ω
*Refer to the Fig.3.
-80
-nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com