Electronic Components Datasheet Search
  English  ▼

X  

M63155FP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 24Page - Renesas Technology Corp M63155FP Datasheet HTML 25Page - Renesas Technology Corp M63155FP Datasheet HTML 26Page - Renesas Technology Corp M63155FP Datasheet HTML 27Page - Renesas Technology Corp M63155FP Datasheet HTML 28Page - Renesas Technology Corp M63155FP Datasheet HTML 29Page - Renesas Technology Corp M63155FP Datasheet HTML 30Page - Renesas Technology Corp M63155FP Datasheet HTML 31Page - Renesas Technology Corp M63155FP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 28 of 40
19. Power Loss Brake
In Power Loss Brake, calculation of capacitor value is show by Fig.26, and Block diagram of VGB line is Show by
Fig.27.
Supplying Current to pre driver.
A=(122 x 2) pC (At once PWM)
B=14
µA (At Constant current)
D=47
µA (Max. current)
Charge value for A (3 phase), B (3 phase), D(1 ch)
A x 50 x 3 + B x 500mS x 3 + D x 500mS = 36.6 nC + 21
µC + 23.5 µA
= 44.54
µC
Charge value for C (3 phase)
(740pF x 50) x (8.5 + 6.8) x 3 / 2 = 849.3 nC
C = 849.3 nC
Capacity value for A,B,C (3 phase)
(A + B + C + D) / (8.5V - 6.8V) = 45.39
µC / 1.7V
= 26.7
µF
For example calculation of PWM for 3 phases
Condition
PWM
:50 cycles
Function Time
:500mS
VGB voltage
:8.5V -> 6.8V
External FET capacity :740pF
C=740 pF ( External FET capacity)
Capacity of External FET
Refer to fig.1 about A, B, C and D
When mode is Power Loss Brake, low side pre. calculation of VGB capacitor value is as follows.
Fig.26 Calculation of VGB current at Power Loss Brake
When mode is Power Loss Brake, low side pre. driver circuit was driven by current of VGB capacitor.
Phase-U
M63155FP
(Top-side-MOS)
(Bottom-side-MOS)
VM
Pre. Driver
for Bottom side FET
Pre. Driver
for Top side FET
VGB
Off
On
Soft braking
VM
Off
VGT
UT
UB
RSM
U
B
740pF
On
6.8V
A
27uF
One time
C
8.5V
I/F
D
Fig.27 Block diagram of Pre Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com