Electronic Components Datasheet Search
  English  ▼

X  

M63155FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M63155FP Datasheet HTML 1Page - Renesas Technology Corp M63155FP Datasheet HTML 2Page - Renesas Technology Corp M63155FP Datasheet HTML 3Page - Renesas Technology Corp M63155FP Datasheet HTML 4Page - Renesas Technology Corp M63155FP Datasheet HTML 5Page - Renesas Technology Corp M63155FP Datasheet HTML 6Page - Renesas Technology Corp M63155FP Datasheet HTML 7Page - Renesas Technology Corp M63155FP Datasheet HTML 8Page - Renesas Technology Corp M63155FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 4 of 40
Pin Description
Pin No.
Symbol
Function
Pin No.
Symbol
Function
1UT
Phase-U Top-side
Gate Drive Output
52
VM
Motor Power Supply
2
U
Phase-U Motor Output
51
VGT
Top-side Gate
Supply Voltage Output
3
UB
Phase-U Bottom-side
Gate Drive Output
50
CP6
Charge-pump Capacitor 6
4
VT
Phase-V Top-side
Gate Drive Output
49
CP5
Charge-pump Capacitor 5
5
V
Phase-V Motor Output
48
VGB
Bottom-side Gate
Supply Voltage Output
6
VB
Phase-V Bottom-side
Gate Drive Output
47
CP4
Charge-pump Capacitor 4
7
WT
Phase-W Top-side
Gate Drive Output
46
CP3
Charge-pump Capacitor 3
8
W
Phase-W Motor Output
45
VCP
Charge-pump Voltage Output
9
WB
Phase-W Bottom-side
Gate Drive Output
44
CP2
Charge-pump Capacitor 2
10
RSM
Motor Current Sensing Input for
big signal line
43
CP1
Charge-pump Capacitor 1
11
-
NC
42
GND
GND
12
-
NC
41
SVCC
External 5V Sensing Input
13
RSS
Motor Current Sensing Input for
small signal line
40
VCC2
Big Signal 5V Power Supply
14
HU
HU Hall Sensor Amp. Input
39
OSC1
Oscillator Output 1
15
HV
HV Hall Sensor Amp. Input
38
OSC2
Oscillator Output 2
16
GND
GND
37
GND
GND
17
HW
HW Hall Sensor Amp. Input
36
SGND
Oscillator GND
18
VCC1
Small Signal 5V Power Supply
35
REGR
5V Regulator
Phase Compensation
19
TCL
Current Control Off Time Input
34
REGC
5V Regulator Output
20
CTL
Current Control Input
33
REGB
5V Regulator Current Sink
21
CCFB
Output of current comparator
32
REGE
5V Regulator Current Sensing
22
FCE
Voltage monitor enable input
31
REGL
5V Regulator
Phase Compensation
23
FG
FG Output
30
BRK
Braking Input
24
FLT
Voltage Monitor Fault Output
29
BRS
Braking Mode Select Input
25
RST
Reset Input
28
FR
Forward / Reverse Select Input
26
DS
Fast / Slow Current Decay Mode
Select Input
27
PWM
PWM Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com