Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 42Page - Renesas Technology Corp SH7211 Datasheet HTML 43Page - Renesas Technology Corp SH7211 Datasheet HTML 44Page - Renesas Technology Corp SH7211 Datasheet HTML 45Page - Renesas Technology Corp SH7211 Datasheet HTML 46Page - Renesas Technology Corp SH7211 Datasheet HTML 47Page - Renesas Technology Corp SH7211 Datasheet HTML 48Page - Renesas Technology Corp SH7211 Datasheet HTML 49Page - Renesas Technology Corp SH7211 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1228 page
background image
Section 2 CPU
Rev. 2.00 May. 08, 2008 Page 22 of 1200
REJ09B0344-0200
2.3
Instruction Features
2.3.1
RISC-Type Instruction Set
Instructions are RISC type. This section details their functions.
(1)
16-Bit Fixed-Length Instructions
Basic instructions have a fixed length of 16 bits, improving program code efficiency.
(2)
32-Bit Fixed-Length Instructions
The SH-2A additionally features 32-bit fixed-length instructions, improving performance and ease
of use.
(3)
One Instruction per State
Each basic instruction can be executed in one cycle using the pipeline system.
(4)
Data Length
Longword is the standard data length for all operations. Memory can be accessed in bytes, words,
or longwords. Byte or word data in memory is sign-extended and handled as longword data.
Immediate data is sign-extended for arithmetic operations or zero-extended for logic operations. It
is also handled as longword data.
Table 2.2
Sign Extension of Word Data
SH2-A CPU
Description
Example of Other CPU
MOV.W
@(disp,PC),R1
ADD
R1,R0
.........
.DATA.W
H'1234
Data is sign-extended to 32 bits,
and R1 becomes H'00001234. It is
next operated upon by an ADD
instruction.
ADD.W
#H'1234,R0
Note:
@(disp, PC) accesses the immediate data.
(5)
Load-Store Architecture
Basic operations are executed between registers. For operations that involve memory access, data
is loaded to the registers and executed (load-store architecture). Instructions such as AND that
manipulate bits, however, are executed directly in memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com