Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 57Page - Renesas Technology Corp SH7211 Datasheet HTML 58Page - Renesas Technology Corp SH7211 Datasheet HTML 59Page - Renesas Technology Corp SH7211 Datasheet HTML 60Page - Renesas Technology Corp SH7211 Datasheet HTML 61Page - Renesas Technology Corp SH7211 Datasheet HTML 62Page - Renesas Technology Corp SH7211 Datasheet HTML 63Page - Renesas Technology Corp SH7211 Datasheet HTML 64Page - Renesas Technology Corp SH7211 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1228 page
background image
Section 2 CPU
Rev. 2.00 May. 08, 2008 Page 37 of 1200
REJ09B0344-0200
Classification Types
Operation
Code
Function
No. of
Instructions
6
AND
Logical AND
14
NOT
Bit inversion
OR
Logical OR
TAS
Memory test and bit set
TST
Logical AND and T bit set
Logic
operations
XOR
Exclusive OR
Shift
12
ROTL
One-bit left rotation
16
ROTR
One-bit right rotation
ROTCL
One-bit left rotation with T bit
ROTCR
One-bit right rotation with T bit
SHAD
Dynamic arithmetic shift
SHAL
One-bit arithmetic left shift
SHAR
One-bit arithmetic right shift
SHLD
Dynamic logical shift
SHLL
One-bit logical left shift
SHLLn
n-bit logical left shift
SHLR
One-bit logical right shift
SHLRn
n-bit logical right shift
Branch
10
BF
Conditional branch, conditional delayed branch
(branch when T = 0)
15
BT
Conditional branch, conditional delayed branch
(branch when T = 1)
BRA
Unconditional delayed branch
BRAF
Unconditional delayed branch
BSR
Delayed branch to subroutine procedure
BSRF
Delayed branch to subroutine procedure
JMP
Unconditional delayed branch
JSR
Branch to subroutine procedure
Delayed branch to subroutine procedure
RTS
Return from subroutine procedure
Delayed return from subroutine procedure
RTV/N
Return from subroutine procedure with Rm
→
R0 transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com