Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 83Page - Renesas Technology Corp SH7211 Datasheet HTML 84Page - Renesas Technology Corp SH7211 Datasheet HTML 85Page - Renesas Technology Corp SH7211 Datasheet HTML 86Page - Renesas Technology Corp SH7211 Datasheet HTML 87Page - Renesas Technology Corp SH7211 Datasheet HTML 88Page - Renesas Technology Corp SH7211 Datasheet HTML 89Page - Renesas Technology Corp SH7211 Datasheet HTML 90Page - Renesas Technology Corp SH7211 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 63 of 1200
REJ09B0344-0200
The clock pulse generator blocks function as follows:
(1)
PLL Circuit 1
PLL circuit 1 multiplies the input clock frequency from the CK pin by 1, 2, or 4. The
multiplication rate is set by the frequency control register. When this is done, the phase of the
rising edge of the internal clock (I
φ) is controlled so that it will agree with the phase of the rising
edge of the CK pin.
(2)
PLL Circuit 2
PLL circuit 2 multiplies the input clock frequency from the crystal oscillator or EXTAL pin by 4.
The multiplication rate is fixed according to the clock operating mode. The clock operating mode
is specified by the MD_CLK0 and MD_CLK2 pins. For details on the clock operating mode, see
table 4.2.
(3)
Crystal Oscillator
The crystal oscillator is an oscillation circuit in which a crystal resonator is connected to the
XTAL pin or EXTAL pin. This can be used according to the clock operating mode.
(4)
Divider 1
Divider 1 generates a clock signal at the operating frequency used by the internal clock (I
φ), the
bus clock (B
φ), the peripheral clock (Pφ), the MTU2S clock (Mφ), or the AD clock (Aφ). The
operating frequency can be 1, 1/2, 1/4, or 1/8 times the output frequency of PLL circuit 1.
However, set the internal clock (I
φ) so that its frequency is not less than the clock frequency of the
CK pin, and set the peripheral clock (P
φ) so that its frequency is not more than the clock frequency
of the CK pin. The division ratio is set in the frequency control register (FRQCR).
(5)
Clock Frequency Control Circuit
The clock frequency control circuit controls the clock frequency using the MD_CLK0 and
MD_CLK2 pins and the frequency control register (FRQCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com