Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 93Page - Renesas Technology Corp SH7211 Datasheet HTML 94Page - Renesas Technology Corp SH7211 Datasheet HTML 95Page - Renesas Technology Corp SH7211 Datasheet HTML 96Page - Renesas Technology Corp SH7211 Datasheet HTML 97Page - Renesas Technology Corp SH7211 Datasheet HTML 98Page - Renesas Technology Corp SH7211 Datasheet HTML 99Page - Renesas Technology Corp SH7211 Datasheet HTML 100Page - Renesas Technology Corp SH7211 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 73 of 1200
REJ09B0344-0200
4.5
Changing the Frequency
The frequency of the internal clock (I
φ) and peripheral clock (Pφ) can be changed either by
changing the multiplication rate of PLL circuit 1 or by changing the division rates of divider. All
of these are controlled by software through the frequency control register (FRQCR). The methods
are described below.
4.5.1
Changing the Multiplication Rate
A PLL settling time is required when the multiplication rate of PLL circuit 1 is changed. When the
multiplication rate is changed, the LSI temporarily stops automatically and the internal watchdog
timer (WDT) starts counting the settling time. When the count of the WDT overflows, the LSI
restarts operating with the set clock frequency. The following shows this setting procedure.
1. In the initial state, the multiplication rate of PLL circuit 1 is 1 time.
2. Set a value that will become the specified oscillation settling time in the WDT and stop the
WDT. The following must be set:
WTCSR.TME
= 0: WDT stops
WTCSR.CKS[2:0]: Division ratio of WDT count clock
WTCNT counter: Initial counter value
For setting of the counter, determine the overflow period with the frequency after the
peripheral clock (P
φ) setting change.
3. Set the desired value in the STC[1:0] bits. The division ratio can also be set in the IFC[2:0] and
PFC[2:0] bits.
4. This LSI pauses temporarily and the WDT starts incrementing. The internal and peripheral
clocks both stop and the WDT is supplied with the clock. The clock will continue to be output
at the CK pin. This state is the same as software standby mode. Whether or not registers are
initialized depends on the module. For details, see table 23.4 in section 23, Power-Down
Modes.
5. Supply of the clock that has been set begins at WDT count overflow, and this LSI begins
operating again. The WDT stops counting after it overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com