Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 91Page - Renesas Technology Corp SH7211 Datasheet HTML 92Page - Renesas Technology Corp SH7211 Datasheet HTML 93Page - Renesas Technology Corp SH7211 Datasheet HTML 94Page - Renesas Technology Corp SH7211 Datasheet HTML 95Page - Renesas Technology Corp SH7211 Datasheet HTML 96Page - Renesas Technology Corp SH7211 Datasheet HTML 97Page - Renesas Technology Corp SH7211 Datasheet HTML 98Page - Renesas Technology Corp SH7211 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 71 of 1200
REJ09B0344-0200
4.4.2
MTU2S Clock Frequency Control Register (MCLKCR)
MCLKCR is an 8-bit readable/writable register. Only byte access can be used on MCLKCR.
MCLKCR is initialized to H'43 only by a power-on reset. MCLKCR retains its previous value by
a manual reset or in software standby mode.
7654321
0
01000011
R/W
R/W
R
R
R
R
R/W
R/W
Bit:
Initial value:
R/W:
MSSCS[1:0]
MSDIVS[1:0]
----
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
MSSCS[1:0] 01
R/W
Source Clock Select
These bits select the source clock.
00: Clock stop
01: PLL1 output clock
10: Reserved (setting prohibited)
11: Reserved (setting prohibited)
5 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1, 0
MSDIVS[1:0] 11
R/W
Division Ratio Select
These bits specify the frequency division ratio of the
source clock. Set these bits so that the output clock is
80 MHz or less, and also an integer multiple of the
peripheral clock frequency (P
φ).
00:
× 1 time
01:
× 1/2 time
10: Setting prohibited
11:
× 1/4 time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com