Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 25Page - Renesas Technology Corp SH7211 Datasheet HTML 26Page - Renesas Technology Corp SH7211 Datasheet HTML 27Page - Renesas Technology Corp SH7211 Datasheet HTML 28Page - Renesas Technology Corp SH7211 Datasheet HTML 29Page - Renesas Technology Corp SH7211 Datasheet HTML 30Page - Renesas Technology Corp SH7211 Datasheet HTML 31Page - Renesas Technology Corp SH7211 Datasheet HTML 32Page - Renesas Technology Corp SH7211 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1228 page
background image
Section 1 Overview
Rev. 2.00 May. 08, 2008 Page 5 of 1200
REJ09B0344-0200
Items
Specification
Multi-function timer
pulse unit 2 (MTU2)
• Maximum 16 lines of pulse input/output and 3 lines of pulse input
based on six channels of 16-bit timers
• 21 output compare and input capture registers
• Input capture function
• Pulse output modes
Toggle, PWM, complementary PWM, and reset-synchronized PWM
modes
• Synchronization of multiple counters
• Complementary PWM output mode
⎯ Non-overlapping waveforms output for 3-phase inverter control
⎯ Automatic dead time setting
⎯ 0% to 100% PWM duty value specifiable
⎯ A/D conversion delaying function
⎯ Interrupt skipping at crest or trough
• Reset-synchronized PWM mode
Three-phase PWM waveforms in positive and negative phases can be
output with a required duty value
• Phase counting mode
Two-phase encoder pulse counting available
Multi-function timer
pulse unit 2S (MTU2S)
• Subset of MTU2, included in channels 3 to 5
• Operating at 80 MHz max.
Port output enable 2
(POE2)
• High-impedance control of high-current pins at a falling edge or low-
level input on the
POE pin
Compare match timer
(CMT)
• Two-channel 16-bit counters
• Four types of clock can be selected (Pφ/8, Pφ/32, Pφ/128, and Pφ/512)
• DMA transfer request or interrupt request can be issued when a
compare match occurs
Serial communication
interface with FIFO
(SCIF)
• Four channels
• Clocked synchronous or asynchronous mode selectable
• Simultaneous transmission and reception (full-duplex communication)
supported
• Dedicated baud rate generator
• Separate 16-byte FIFO registers for transmission and reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com