Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 58Page - Renesas Technology Corp SH7211 Datasheet HTML 59Page - Renesas Technology Corp SH7211 Datasheet HTML 60Page - Renesas Technology Corp SH7211 Datasheet HTML 61Page - Renesas Technology Corp SH7211 Datasheet HTML 62Page - Renesas Technology Corp SH7211 Datasheet HTML 63Page - Renesas Technology Corp SH7211 Datasheet HTML 64Page - Renesas Technology Corp SH7211 Datasheet HTML 65Page - Renesas Technology Corp SH7211 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1228 page
background image
Section 2 CPU
Rev. 2.00 May. 08, 2008 Page 38 of 1200
REJ09B0344-0200
Classification Types
Operation
Code
Function
No. of
Instructions
14
CLRT
T bit clear
36
CLRMAC
MAC register clear
System
control
LDBANK
Register restoration from specified register
bank entry
LDC
Load to control register
LDS
Load to system register
NOP
No operation
RESBANK Register restoration from register bank
RTE
Return from exception handling
SETT
T bit set
SLEEP
Transition to power-down mode
STBANK
Register save to specified register bank entry
STC
Store control register data
STS
Store system register data
TRAPA
Trap exception handling
10
BAND
Bit AND
14
Bit
manipulation
BCLR
Bit clear
BLD
Bit load
BOR
Bit OR
BSET
Bit set
BST
Bit store
BXOR
Bit exclusive OR
BANDNOT Bit NOT AND
BORNOT
Bit NOT OR
BLDNOT
Bit NOT load
Total:
91
197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com