Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 121Page - Renesas Technology Corp SH7211 Datasheet HTML 122Page - Renesas Technology Corp SH7211 Datasheet HTML 123Page - Renesas Technology Corp SH7211 Datasheet HTML 124Page - Renesas Technology Corp SH7211 Datasheet HTML 125Page - Renesas Technology Corp SH7211 Datasheet HTML 126Page - Renesas Technology Corp SH7211 Datasheet HTML 127Page - Renesas Technology Corp SH7211 Datasheet HTML 128Page - Renesas Technology Corp SH7211 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 101 of 1200
REJ09B0344-0200
Section 6 Interrupt Controller (INTC)
The interrupt controller (INTC) ascertains the priority of interrupt sources and controls interrupt
requests to the CPU. The INTC registers set the order of priority of each interrupt, allowing the
user to process interrupt requests according to the user-set priority.
6.1
Features
• 16 levels of interrupt priority can be set
By setting the thirteen interrupt priority registers, the priorities of IRQ interrupts and on-chip
peripheral module interrupts can be selected from 16 levels for request sources.
• NMI noise canceler function
An NMI input-level bit indicates the NMI pin state. By reading this bit in the interrupt
exception service routine, the pin state can be checked, enabling it to be used as the noise
canceler function.
• Occurrence of interrupt can be reported externally (IRQOUT pin)
For example, when this LSI has released the bus mastership, this LSI can inform the external
bus master of occurrence of an on-chip peripheral module interrupt and request for the bus
mastership.
• Register banks
This LSI has register banks that enable register saving and restoration required in the interrupt
processing to be performed at high speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com