Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 129Page - Renesas Technology Corp SH7211 Datasheet HTML 130Page - Renesas Technology Corp SH7211 Datasheet HTML 131Page - Renesas Technology Corp SH7211 Datasheet HTML 132Page - Renesas Technology Corp SH7211 Datasheet HTML 133Page - Renesas Technology Corp SH7211 Datasheet HTML 134Page - Renesas Technology Corp SH7211 Datasheet HTML 135Page - Renesas Technology Corp SH7211 Datasheet HTML 136Page - Renesas Technology Corp SH7211 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 109 of 1200
REJ09B0344-0200
6.3.4
IRQ Interrupt Request Register (IRQRR)
IRQRR is a 16-bit register that indicates interrupt requests from external input pins IRQ7 to IRQ0.
If edge detection is set for the IRQ7 to IRQ0 interrupts, writing 0 to the IRQ7F to IRQ0F bits after
reading IRQ7F to IRQ0F = 1 cancels the retained interrupts.
IRQRR is initialized by a power-on reset.
15
14
13
12
11
10
987654321
0
00000000
R/(W)* R/(W)* R/(W)* R/(W)* R/(W)* R/(W)* R/(W)* R/(W)*
Note:
Only 0 can be written to clear the flag after 1 is read.
*
Bit:
Initial value:
R/W:
00000000
RRRRRRRR
--------
IRQ7F IRQ6F IRQ5F IRQ4F IRQ3F IRQ2F IRQ1F IRQ0F
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com