Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 134Page - Renesas Technology Corp SH7211 Datasheet HTML 135Page - Renesas Technology Corp SH7211 Datasheet HTML 136Page - Renesas Technology Corp SH7211 Datasheet HTML 137Page - Renesas Technology Corp SH7211 Datasheet HTML 138Page - Renesas Technology Corp SH7211 Datasheet HTML 139Page - Renesas Technology Corp SH7211 Datasheet HTML 140Page - Renesas Technology Corp SH7211 Datasheet HTML 141Page - Renesas Technology Corp SH7211 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 114 of 1200
REJ09B0344-0200
6.4
Interrupt Sources
There are five types of interrupt sources: NMI, user break, H-UDI, IRQ, and on-chip peripheral
modules. Each interrupt has a priority level (0 to 16), with 0 the lowest and 16 the highest. When
set to level 0, that interrupt is masked at all times.
6.4.1
NMI Interrupt
The NMI interrupt has a priority level of 16 and is accepted at all times. NMI interrupt requests
are edge-detected, and the NMI edge select bit (NMIE) in interrupt control register 0 (ICR0)
selects whether the rising edge or falling edge is detected.
Though the priority level of the NMI interrupt is 16, the NMI interrupt exception handling sets the
interrupt mask level bits (I3 to I0) in the status register (SR) to level 15.
6.4.2
User Break Interrupt
A user break interrupt which occurs when a break condition set in the user break controller (UBC)
matches has a priority level of 15. The user break interrupt exception handling sets the I3 to I0 bits
in SR to level 15. For user break interrupts, see section 7, User Break Controller (UBC).
6.4.3
H-UDI Interrupt
The user debugging interface (H-UDI) interrupt has a priority level of 15, and occurs at serial
input of an H-UDI interrupt instruction. H-UDI interrupt requests are edge-detected and retained
until they are accepted. The H-UDI interrupt exception handling sets the I3 to I0 bits in SR to level
15. For H-UDI interrupts, see section 24, User Debugging Interface (H-UDI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com