Electronic Components Datasheet Search
  English  ▼

X  

SH7211 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 145Page - Renesas Technology Corp SH7211 Datasheet HTML 146Page - Renesas Technology Corp SH7211 Datasheet HTML 147Page - Renesas Technology Corp SH7211 Datasheet HTML 148Page - Renesas Technology Corp SH7211 Datasheet HTML 149Page - Renesas Technology Corp SH7211 Datasheet HTML 150Page - Renesas Technology Corp SH7211 Datasheet HTML 151Page - Renesas Technology Corp SH7211 Datasheet HTML 152Page - Renesas Technology Corp SH7211 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 125 of 1200
REJ09B0344-0200
6.6
Operation
6.6.1
Interrupt Operation Sequence
The sequence of interrupt operations is described below. Figure 6.2 shows the operation flow.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest-priority interrupt from the interrupt requests sent,
following the priority levels set in interrupt priority registers 01, 02, and 05 to 15 (IPR01,
IPR02, and IPR05 to IPR15). Lower priority interrupts are ignored*. If two of these interrupts
have the same priority level or if multiple interrupts occur within a single IPR, the interrupt
with the highest priority is selected, according to the default priority and IPR setting unit
internal priority shown in table 6.4.
3. The priority level of the interrupt selected by the interrupt controller is compared with the
interrupt level mask bits (I3 to I0) in the status register (SR) of the CPU. If the interrupt
request priority level is equal to or less than the level set in bits I3 to I0, the interrupt request is
ignored. If the interrupt request priority level is higher than the level in bits I3 to I0, the
interrupt controller accepts the interrupt and sends an interrupt request signal to the CPU.
4. When the interrupt controller accepts an interrupt, a low level is output from the
IRQOUT pin.
5. The CPU detects the interrupt request sent from the interrupt controller when the CPU decodes
the instruction to be executed. Instead of executing the decoded instruction, the CPU starts
interrupt exception handling (figure 6.4).
6. The interrupt exception service routine start address is fetched from the exception handling
vector table corresponding to the accepted interrupt.
7. The status register (SR) is saved onto the stack, and the priority level of the accepted interrupt
is copied to bits I3 to I0 in SR.
8. The program counter (PC) is saved onto the stack.
9. The CPU jumps to the fetched interrupt exception service routine start address and starts
executing the program. The jump that occurs is not a delayed branch.
10. A high level is output from the
IRQOUT pin. However, if the interrupt controller accepts an
interrupt with a higher priority than the interrupt just being accepted, the
IRQOUT pin holds
low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com