Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 341Page - Renesas Technology Corp SH7261 Datasheet HTML 342Page - Renesas Technology Corp SH7261 Datasheet HTML 343Page - Renesas Technology Corp SH7261 Datasheet HTML 344Page - Renesas Technology Corp SH7261 Datasheet HTML 345Page - Renesas Technology Corp SH7261 Datasheet HTML 346Page - Renesas Technology Corp SH7261 Datasheet HTML 347Page - Renesas Technology Corp SH7261 Datasheet HTML 348Page - Renesas Technology Corp SH7261 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 313 of 1312
REJ09B0320-0200
11.3.2
DMA Current Destination Address Register (DMCDADR)
DMCDADR is a register used to specify the start address of the transfer destination.
The value in this register is transferred to the working destination-address register at the start of
DMA transfer.
The default behavior is for the contents of the working destination-address register to be returned
on completion of each single operand transfer. However, the contents of the working destination-
address register are not returned in two cases: when the rotate setting (SAMOD
= 011) is made for
the destination address and when the destination-address reload function is enabled. In the latter
case, the contents of the DMA reload destination address register (DMRDADRn) are returned to
this register on completion of DMA transfer.
This register must be set before transfer is initiated, regardless of whether the reload function is
enabled or disabled.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CDA
CDA
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
CDA
Undefined R/W
Holds destination address bits A31 to A0
Notes: 1. Set this register so that DMA transfer is performed within the correctly aligned address
boundaries for the transfer sizes listed below.
• When the transfer size is set to 16 bits (SZSEL = "001"): (b0) = "0".
• When the transfer size is set to 32 bits (SZSEL = "010"): (b1, b0) = (0, 0).
2. Only write to this register when single operand transfer is not in process on the
corresponding channel (the corresponding DASTS bit in the DMA arbitration status
register (DMASTS) is "0") and DMA transfer is disabled (DMST in the DMA activation
control register (DMSCNT) or DEN in DMA control register B for the channel
(DMCNTBn) is set to "0"). Operation is not guaranteed if this register is written to when
both conditions are not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com