Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 342Page - Renesas Technology Corp SH7261 Datasheet HTML 343Page - Renesas Technology Corp SH7261 Datasheet HTML 344Page - Renesas Technology Corp SH7261 Datasheet HTML 345Page - Renesas Technology Corp SH7261 Datasheet HTML 346Page - Renesas Technology Corp SH7261 Datasheet HTML 347Page - Renesas Technology Corp SH7261 Datasheet HTML 348Page - Renesas Technology Corp SH7261 Datasheet HTML 349Page - Renesas Technology Corp SH7261 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 314 of 1312
REJ09B0320-0200
11.3.3
DMA Current Byte Count Register (DMCBCT)
DMCBCT is a register used to specify the number of bytes to be transferred by DMA.
The value in this register is transferred to the working byte-count register at the start of DMA
transfer, and is then decremented by the number of bytes transferred on each unit data transfer.
Decrementation is thus by the following values.
• When the transfer size is set to 8 bits (SZSEL = "000"): −1
• When the transfer size is set to 16 bits (SZSEL = "001"): −2
• When the transfer size is set to 32 bits (SZSEL = "010"): −4
When the value in the working byte count register reaches H'000 0000, DMA transfer ends (an
end due to byte count "0"). The corresponding bit of the DMA transfer end detection register
(DMEDET) is set to 1.
If the byte count reload function is disabled, the contents of the working byte count register are
returned to this register at the moment the channel for DMA transfer switches or DMA transfer
ends. If the byte count reload function is enabled, the contents of the DMA reload byte counter
register (DMRBCTn) are returned to this register.
This register must be set before transfer is initiated, regardless of whether the reload function is
enabled or disabled.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0
0
0
0
0
0
——————————
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
————————————————
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
——————
CBC
CBC
Bit
Bit Name
Initial
Value
R/W
Description
31 to 26
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
25 to 0
CBC
Undefined R/W
Number of bytes to be DMA-transferred.
Notes: 1. Note that a setting of H'000 0000 leads to transfer of the maximum number of bytes, i.e.
64 Mbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com