Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 349Page - Renesas Technology Corp SH7261 Datasheet HTML 350Page - Renesas Technology Corp SH7261 Datasheet HTML 351Page - Renesas Technology Corp SH7261 Datasheet HTML 352Page - Renesas Technology Corp SH7261 Datasheet HTML 353Page - Renesas Technology Corp SH7261 Datasheet HTML 354Page - Renesas Technology Corp SH7261 Datasheet HTML 355Page - Renesas Technology Corp SH7261 Datasheet HTML 356Page - Renesas Technology Corp SH7261 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 321 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
10 to 8
DAMOD
[2:0]
Undefined R/W
Destination Address Direction Control
These bits are used to specify the direction of counting
for the source address.
000: Fixed
001: Incrementation
010: Decrementation
011: Rotation
100 to 111: Setting prohibited
7 to 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
SACT
Undefined R/W
DMA Active Signal Output for Source
This bit is used to control the output of the DMA-active
signal (DACT) for the source corresponding to the
requesting source setting in the DCTG bits.
When this bit is set to "0", output of the DACT signal is
disabled and the signal is fixed high unless the level
changes because of the DACT bit setting.
When this bit is set to "1", output of the DACT signal is
valid ("L") from the next cycle after the start of the
DMAC read cycle.
However, while output of the DACT signal is enabled
when the DMA request source selection bits (DCTG)
are set for software triggering, a valid DACT signal
cannot be output when the requesting source is an on-
chip peripheral circuit (DCTG), regardless of the
setting of the SACT bits.
0: Stops output of the DMA-active signal for the source
1: Selects output of the DMA-active signal for the
source during read access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com