Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 352Page - Renesas Technology Corp SH7261 Datasheet HTML 353Page - Renesas Technology Corp SH7261 Datasheet HTML 354Page - Renesas Technology Corp SH7261 Datasheet HTML 355Page - Renesas Technology Corp SH7261 Datasheet HTML 356Page - Renesas Technology Corp SH7261 Datasheet HTML 357Page - Renesas Technology Corp SH7261 Datasheet HTML 358Page - Renesas Technology Corp SH7261 Datasheet HTML 359Page - Renesas Technology Corp SH7261 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 324 of 1312
REJ09B0320-0200
Table 11.3
Increment/Decrement for DMA Source/Destination Address Registers
Address Indexing Mode
SAMOD or DAMOD
Transfer data size
selection bits
SZSEL
"000"
(fixed)
"001"
(plus direction)
"010"
(minus direction)
"011"
(rotation)
"000" (8 bits)
±0
+1
−1
+1
"001" (16 bits)
±0
+2
−2
+2
"010" (32 bits)
±0
+4
−4
+4
11.3.8
DMA Control Register A (DMCNTA)
DMCNTA handles the selections of the transfer mode and the condition of transfer, control of
reload functions, and selection of DMA sources.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RR
R/W
R/W
RR
R/W
R/W
RRRRRR
R/W
R/W
0000000000000000
R
R
R
R
R
R/W
R/W
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
—
—
MDSEL[1:0]
—
—
DSEL[1:0]
—
—
—
—
—
—
STRG[1:0]
—————
BRLOD SRLOD DRLOD
—
—
DCTG[5:0]
Bit
Bit Name
Initial
Value
R/W
Description
31, 30
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com