Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 353Page - Renesas Technology Corp SH7261 Datasheet HTML 354Page - Renesas Technology Corp SH7261 Datasheet HTML 355Page - Renesas Technology Corp SH7261 Datasheet HTML 356Page - Renesas Technology Corp SH7261 Datasheet HTML 357Page - Renesas Technology Corp SH7261 Datasheet HTML 358Page - Renesas Technology Corp SH7261 Datasheet HTML 359Page - Renesas Technology Corp SH7261 Datasheet HTML 360Page - Renesas Technology Corp SH7261 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 325 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
29, 28
MDSEL
[1:0]
00
R/W
DMA Transfer Mode Selection
These bits are used to specify the DMA transfer mode.
Setting these bits to "00" selects cycle-stealing transfer
mode.
Setting these bits to "01" selects pipelined transfer
mode.
Do not set these bits to "10" or "11". Operation is not
guaranteed if these settings are made. For details, see
section 11.4.1, DMA Transfer Mode.
00: Cycle-stealing transfer
01: Pipelined transfer
10: Setting prohibited
11: Setting prohibited
Note:
Pipelined transfer through a single BIU is not
possible. For details on the BIU, see section
11.1, Features.
27, 26
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
25, 24
DSEL[1:0]
00
R/W
DMA Transfer Condition Selection
These bits are used to specify the conditions of DMA
transfer.
Setting these bits to "00" selects single operand
transfer.
Setting these bits to "01" selects sequential operand
transfer.
Setting these bits to "11" selects non-stop transfer. For
details, see section 11.4.2, DMA Transfer Condition.
Do not set these bits to "10". Operation is not
guaranteed if this setting is made.
00: Unit operand transfer
01: Sequential operand transfer
10: Setting prohibited
11: Non-stop transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com