Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 357Page - Renesas Technology Corp SH7261 Datasheet HTML 358Page - Renesas Technology Corp SH7261 Datasheet HTML 359Page - Renesas Technology Corp SH7261 Datasheet HTML 360Page - Renesas Technology Corp SH7261 Datasheet HTML 361Page - Renesas Technology Corp SH7261 Datasheet HTML 362Page - Renesas Technology Corp SH7261 Datasheet HTML 363Page - Renesas Technology Corp SH7261 Datasheet HTML 364Page - Renesas Technology Corp SH7261 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 329 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5 to 0
DCTG[5:0]
000000
R/W
011000: SCIF 6ch TX
011001: SCIF 7ch RX
011010: SCIF 7ch TX
011011: SSI 0ch
011100: SSI 1ch
011101: RCAN-ET 0ch
011110: RCAN-ET 1ch
011111: MTU2 0ch
100000: MTU2 1ch
100001: MTU2 2ch
100010: MTU2 3ch
100011: MTU2 4ch
100100: ADC
100101: ROM-DEC
100110 to 111111: Setting prohibited
Note:
Only write to bits of this register other than the reload function enable bits (BRLOD,
SRLOD, and DRLOD) when a transfer operation is not in process on the corresponding
channel (the corresponding DASTS bit in the DMA arbitration status register (DMASTS) is
"0") and DMA transfer is disabled (DMST in the DMA activation control register (DMSCNT)
or DEN in DMA control register B for the channel (DMCNTBn) is set to "0"). Operation is not
guaranteed if this register is written to when both conditions are not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com