Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 360Page - Renesas Technology Corp SH7261 Datasheet HTML 361Page - Renesas Technology Corp SH7261 Datasheet HTML 362Page - Renesas Technology Corp SH7261 Datasheet HTML 363Page - Renesas Technology Corp SH7261 Datasheet HTML 364Page - Renesas Technology Corp SH7261 Datasheet HTML 365Page - Renesas Technology Corp SH7261 Datasheet HTML 366Page - Renesas Technology Corp SH7261 Datasheet HTML 367Page - Renesas Technology Corp SH7261 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 332 of 1312
REJ09B0320-0200
11.3.9
DMA Control Register B (DMCNTB)
DMCNTB enables or disables DMA transfer, clears the DMA transfer enable bit, and also clears
the internal state. In addition, this register can check the status of a DMA request.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRR
R/W
RRRRRRR
R/W
0000000000000000
RRRRRRR
R/W
RRRRRRR
R/W
—
DEN
DREQ
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
ECLR
DSCLR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 25
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
24
DEN
0
R/W
DMA Transfer Enable
This bit is used to enable or disable DMA transfer on
the corresponding channel.
Clearing this bit to "0" disables DMA transfer.
Setting this bit to "1" enables DMA transfer. For the
activation of DMA transfer, see section 11.4.3, DMA
Activation.
Even when this bit is clear, the input of a DMA request
to the DMAC can change the value of the DMA
request bit (DREQ).
When the DMA transfer enable clear bit (ECLR) is set
to "1", this bit is automatically cleared to "0" on
detection of the DMA transfer end condition.
Clearing this bit to "0" during DNA transfer can be
used to stop channel operation at the end of the
current single operand transfer. For details, see
section 11.6, Suspending, Restarting, and Stopping of
DMA Transfer.
0: DMA transfer disabled
1: DMA transfer enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com