Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 364Page - Renesas Technology Corp SH7261 Datasheet HTML 365Page - Renesas Technology Corp SH7261 Datasheet HTML 366Page - Renesas Technology Corp SH7261 Datasheet HTML 367Page - Renesas Technology Corp SH7261 Datasheet HTML 368Page - Renesas Technology Corp SH7261 Datasheet HTML 369Page - Renesas Technology Corp SH7261 Datasheet HTML 370Page - Renesas Technology Corp SH7261 Datasheet HTML 371Page - Renesas Technology Corp SH7261 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 336 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
8
ECLR
0
R/W
DMA Transfer Enable Clear
This bit specifies whether or not to clear the DMA
transfer enable bit (DEN) to "0" when the DMA transfer
end condition is detected.
When this bit is cleared to "0", the DMA transfer
enable bit (DEN) is not cleared to "0" even when the
DMA transfer end condition is detected.
When this bit is set to "1", the DMA transfer enable bit
(DEN) is cleared to "0" when the DMA transfer end
condition is detected.
Note:
When a value is written to the DMA transfer
enable clear bit for a channel handling single
operand transfer, operation is not guaranteed.
0: Detection of the DMA transfer end condition does
not clear the DMA transfer enable bit to 0
1: Detection of the DMA transfer end condition clears
the DMA transfer enable bit to 0
7 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com