Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 367Page - Renesas Technology Corp SH7261 Datasheet HTML 368Page - Renesas Technology Corp SH7261 Datasheet HTML 369Page - Renesas Technology Corp SH7261 Datasheet HTML 370Page - Renesas Technology Corp SH7261 Datasheet HTML 371Page - Renesas Technology Corp SH7261 Datasheet HTML 372Page - Renesas Technology Corp SH7261 Datasheet HTML 373Page - Renesas Technology Corp SH7261 Datasheet HTML 374Page - Renesas Technology Corp SH7261 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 339 of 1312
REJ09B0320-0200
11.3.11
DMA Interrupt Control Register (DMICNT)
DMICNT controls DMA interrupts for the respective channels.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RRRRRRRR
0000000000000000
RRRRRRRRRRRRRRRR
DINTM
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—————————
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24 DINTM
All 0
R/W
DMA Interrupt Control
These bits are used to control whether DMA transfer
end interrupts for the respective channels should be
generated for the interrupt controller.
When a bit is cleared to "0", interrupt requests for the
corresponding channel are not generated.
When these bits are set to "1", DMA transfer end
interrupts for the corresponding channel are generated
for the interrupt controller.
For details, see section 11.5.2, DMA Interrupt
Requests.
0: Interrupt disabled
1: Interrupt enabled
23 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
Bits 31 to 24 correspond to channels 0 to 7, respectively (31: channel 0, 30: channel
1. …24: channel 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com