Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 371Page - Renesas Technology Corp SH7261 Datasheet HTML 372Page - Renesas Technology Corp SH7261 Datasheet HTML 373Page - Renesas Technology Corp SH7261 Datasheet HTML 374Page - Renesas Technology Corp SH7261 Datasheet HTML 375Page - Renesas Technology Corp SH7261 Datasheet HTML 376Page - Renesas Technology Corp SH7261 Datasheet HTML 377Page - Renesas Technology Corp SH7261 Datasheet HTML 378Page - Renesas Technology Corp SH7261 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 343 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24 DEDET
All 0
R/W
Values read: DMA Transfer End Condition Detection
Values written: DMA Transfer End Condition
Detection, DMA Interrupt Request
Status Clear
These bits are used to verify the status of DMA
transfer end condition detection for each channel.
Reading this register does not automatically clear the
bits. Once a bit has been set to "1", the value is
retained in the register as long as the bit is not cleared
by software or a reset.
• Condition for setting to "1"
When the DMA transfer end condition is detected,
these bits are set to "1".
• Condition for clearing to "0"
These bits are cleared to "0" by writing a "1" to the
bits to be cleared. Write "0" to bits that are not to
be cleared. While a bit is clear, it cannot be set to
"1" by a write operation.
When the DMA transfer end interrupt is in use and an
interrupt request generated for a given channel starts
to be handled, write a "1" to the corresponding DMA
transfer end condition detection (DEDET) bit.
When the DMA transfer end condition detection
(DEDET) bits are cleared to "0", the DMA interrupt
request status bit (DISTS) is also cleared.
Values read:
0: DMA transfer end condition not detected
1: DMA transfer end condition detected
Values written:
0: Invalid
1: Clears DMA transfer end condition detection and
DMA interrupt request status
23 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
Bits 31 to 24 correspond to channels 0 to 7, respectively (31: channel 0, 30: channel
1, …, 24: channel 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com