Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 374Page - Renesas Technology Corp SH7261 Datasheet HTML 375Page - Renesas Technology Corp SH7261 Datasheet HTML 376Page - Renesas Technology Corp SH7261 Datasheet HTML 377Page - Renesas Technology Corp SH7261 Datasheet HTML 378Page - Renesas Technology Corp SH7261 Datasheet HTML 379Page - Renesas Technology Corp SH7261 Datasheet HTML 380Page - Renesas Technology Corp SH7261 Datasheet HTML 381Page - Renesas Technology Corp SH7261 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 346 of 1312
REJ09B0320-0200
11.4
Operation
11.4.1
DMA Transfer Mode
There are two DMA transfer modes
 cycle-stealing mode and pipelined mode. These modes are
selectable through the setting of the DMA transfer mode select bits (MDSEL) in DMA Control
Register A (DMCNTAn).
Figure 11.2 gives examples of how bus mastership alternates between the DMAC and CPU in
various DMA transfer modes.
(1)
Cycle-stealing Transfer Mode
Cycle-stealing transfer mode is selected when the DMA transfer mode select bits are set to "00".
In cycle-stealing transfer mode, the DMAC leaves at least one cycle between the read and write
access cycles of each single data transfer. During this interval, the CPU can access the same target
BIU as the source or destination of its own operations. For details on the BIU, see section 11.1,
Features.
(2)
Pipelined Transfer Mode
Pipelined transfer mode is selected when the DMA transfer mode select bits are set to "01".
In pipelined transfer mode, DMAC activates the bus for read or write access, or both, on
consecutive cycles. Therefore, the CPU cannot access the target BIU as a source or destination
during single operand transfer.
Pipelined transfer through a single BIU is not possible either.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com