Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 373Page - Renesas Technology Corp SH7261 Datasheet HTML 374Page - Renesas Technology Corp SH7261 Datasheet HTML 375Page - Renesas Technology Corp SH7261 Datasheet HTML 376Page - Renesas Technology Corp SH7261 Datasheet HTML 377Page - Renesas Technology Corp SH7261 Datasheet HTML 378Page - Renesas Technology Corp SH7261 Datasheet HTML 379Page - Renesas Technology Corp SH7261 Datasheet HTML 380Page - Renesas Technology Corp SH7261 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 345 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24 DASTS
All 0
R
When read: DMA Arbitration Status
When written: DMA Arbitration Status Clear
These bits are used to verify the status of DMA
transfer on each channel.
• Condition for setting to "1"
• The bit for a channel in which operand transfer
(non-stop transfer) has started is set to "1".
• Condition for clearing to "0"
These bits are cleared to "0" by either of the
following events.
 Correct completion of single operand transfer
(non-stop transfer).
 A "1" is written to the bit.
These bits are not cleared to "0" when DMAC
operation is forcibly ended by the external DMA
transfer forcible end signal. Write "1" to these
bits to clear them.
Note:
In DMA transfer to external devices, the DMA
arbitration status bit (DASTS) can be cleared
before the end of external bus access (once
the last data-write operation has started).
When read:
0: Operand transfer not in progress
1: Operand transfer in progress
When written:
0: Invalid
1: Clears DMA arbitration status
23 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
Bits 31 to 24 correspond to channels 0 to 7, respectively (31: channel 0, 30: channel
1, …, 24: channel 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com