Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 377Page - Renesas Technology Corp SH7261 Datasheet HTML 378Page - Renesas Technology Corp SH7261 Datasheet HTML 379Page - Renesas Technology Corp SH7261 Datasheet HTML 380Page - Renesas Technology Corp SH7261 Datasheet HTML 381Page - Renesas Technology Corp SH7261 Datasheet HTML 382Page - Renesas Technology Corp SH7261 Datasheet HTML 383Page - Renesas Technology Corp SH7261 Datasheet HTML 384Page - Renesas Technology Corp SH7261 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 349 of 1312
REJ09B0320-0200
Table 11.5
List of DMA Transfer Conditions
DMA Transfer
Condition Select
Bits (DSEL)
DMA Transfer Condition
Remarks
DSEL
= "00"
Unit operand transfer
• The number of bytes selected for transfer in single
operand transfer (by the OPSEL bits) is transferred
in response to one DMA request.
• Channel arbitration is performed on completion of
each single operand transfer.
DSEL
= "01"
Sequential operand transfer
• Transfer in response to a DMA request proceeds in
unit transfer operations until the byte counter
reaches "0".
• Channel arbitration is performed on completion of
each single operand transfer.
DSEL
= "11"
Non-stop transfer
• Transfer in response to a DMA request proceeds
continuously until the byte counter reaches "0" by
one DMA request.
• Once transfer has started, channel arbitration is not
done until it is complete.
OPSEL bit is
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com