Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 379Page - Renesas Technology Corp SH7261 Datasheet HTML 380Page - Renesas Technology Corp SH7261 Datasheet HTML 381Page - Renesas Technology Corp SH7261 Datasheet HTML 382Page - Renesas Technology Corp SH7261 Datasheet HTML 383Page - Renesas Technology Corp SH7261 Datasheet HTML 384Page - Renesas Technology Corp SH7261 Datasheet HTML 385Page - Renesas Technology Corp SH7261 Datasheet HTML 386Page - Renesas Technology Corp SH7261 Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 351 of 1312
REJ09B0320-0200
Table 11.6
Relations between the mode and conditions of DMA transfer.
DMA transfer mode condition
Unit operand
transfer
DSEL
= "00"
Sequential operand
transfer
DSEL
= "01"
Non-stop transfer
DSEL
= "11"
Cycle-stealing
transfer
MDSEL
= "00"
OK
(between any two
BIUs)
OK
(between any two
BIUs)
OK
(between any two
BIUs)
Transfer
mode
Pipelined transfer
MDSEL
= "01"
OK
(between any two
BIUs)
OK
(between any two
BIUs)
Mainly OK*
(between any two
BIUs other than
BIU_E)
Note:
*
The restriction means that non-stop transfer to the external SDRAM in pipelined
transfer mode cannot be set up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com