Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 381Page - Renesas Technology Corp SH7261 Datasheet HTML 382Page - Renesas Technology Corp SH7261 Datasheet HTML 383Page - Renesas Technology Corp SH7261 Datasheet HTML 384Page - Renesas Technology Corp SH7261 Datasheet HTML 385Page - Renesas Technology Corp SH7261 Datasheet HTML 386Page - Renesas Technology Corp SH7261 Datasheet HTML 387Page - Renesas Technology Corp SH7261 Datasheet HTML 388Page - Renesas Technology Corp SH7261 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 353 of 1312
REJ09B0320-0200
11.5
Completion of DMA Transfer and Interrupts
11.5.1
Completion of DMA Transfer
When the value H'0000 0000 is transferred from the working byte count register to the DMA
current byte count register (DMCBCTn) (all data has been transferred), the DMA transfer end
condition is fulfilled and one DMA transfer is complete.
The operations following detection of the DMA transfer end condition are as follows.
• DMA transfer end condition
The DMA transfer end condition detection bit (DEDET) for the corresponding channel in the
DMA transfer end detection register (DMEDET) is set to "1".
• Interrupt request generation
An interrupt request is generated for the interrupt controller according to the settings of the
DMA interrupt control register (DMICNT) and the DMA common interrupt control register
(DMICNTA).
• Output of DMA end signal
The DMA end signal (DTENDm) is output according the setting of the DMA end signal output
control bit (DTCM) in the DMA mode register (DMMODn) for the channel.
• Clearing the DMA transfer enable bit (DEN)
If the DMA transfer enable clear bit (ECLR) in DMA control register B (DMCNTBn) is set to
"1", the DEN bit in the DMA control register B (DMCNTBn) is cleared to "0", suspending any
subsequent DMA transfer for the channel.
If the DMA transfer enable clear bit (ECLR) is clear ("0"), the DEN bit is not cleared.
• Reloading the source address register
If the DMA source address reload function enable bit (SRLOD) in the DMA control register A
(DMCNTAn) is set to "1", the DMA current source address register (DMCSADRn) is reloaded
with the value in the DMA reload source address register (DMRSADRn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com