Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 384Page - Renesas Technology Corp SH7261 Datasheet HTML 385Page - Renesas Technology Corp SH7261 Datasheet HTML 386Page - Renesas Technology Corp SH7261 Datasheet HTML 387Page - Renesas Technology Corp SH7261 Datasheet HTML 388Page - Renesas Technology Corp SH7261 Datasheet HTML 389Page - Renesas Technology Corp SH7261 Datasheet HTML 390Page - Renesas Technology Corp SH7261 Datasheet HTML 391Page - Renesas Technology Corp SH7261 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 356 of 1312
REJ09B0320-0200
11.5.3
DMA End Signal Output
The form in which the DMA end signal (DTENDm) is output differs with the setting of the DMA
end signal output control bit (DTCM) in the DMA mode register (DMMODn) for the
corresponding channel.
• When DTCM is set to "00", output of the DTEND signal is not valid so the signal remains
fixed at the "H" level when and after the DMA transfer ends.
• When DTCM is set to "01", the DTEND signal becomes active (low) one cycle after the start
of the read cycle immediately before the end of DMA transfer (the read cycle for the last data
transfer).
• When DTCM is set to "10", the DTEND signal becomes active for one cycle after the write
cycle immediately before the end of DMA transfer (the write cycle for the last data transfer).
• When DTCM is set to "11", the DTEND signal becomes active for one clock cycle at the same
time as the DMA transfer end interrupt is generated.
Output of the DTEND signal is not valid in the case of DMA requests from external peripheral
circuits, so the signal remains fixed to "H" regardless of the setting of this bit.
Charts of the timing of DMA end signal output are given in figure 11.5.
Note:
The BSC is provided with a write buffer. Writing data to this buffer while writing to the
external devices stops bus access in the chip. Because of this, in DMA transfer to or from
external devices, the DTEND signal become disabled ("H") before the end of external bus
access. In this case the DTEND signal is not synchronized with the external bus access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com