Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 388Page - Renesas Technology Corp SH7261 Datasheet HTML 389Page - Renesas Technology Corp SH7261 Datasheet HTML 390Page - Renesas Technology Corp SH7261 Datasheet HTML 391Page - Renesas Technology Corp SH7261 Datasheet HTML 392Page - Renesas Technology Corp SH7261 Datasheet HTML 393Page - Renesas Technology Corp SH7261 Datasheet HTML 394Page - Renesas Technology Corp SH7261 Datasheet HTML 395Page - Renesas Technology Corp SH7261 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 360 of 1312
REJ09B0320-0200
11.7.3
Sense Mode for DMA Requests
When pins DREQ0 to DREQ3 (DCTG
= "000001" to "000100") are specified by the DMA
request source selection bits (DTCG), either level sense or edge sense might be required. Make the
appropriate setting ("01" or "11" for level sense and "00" or "10" for edge sense) in the input sense
selection bits (STRG) of DMA control register A (DMCNTAn).
When the software trigger (DCTG = "000000") is selected as a DMA request source, set these bits
to "00" to select the rising-edge sense. When IIC3, SCIF, SSI, RCAN-ET, MTU2, or ADC
(DCTG = "000101" to "100101") is selected, set the bits to "10" to select the falling-edge sense.
Table 11.4 shows the relationships between the DMA request sources and input sense mode.
Below are further details on level- and edge-sense operation.
(1)
Level Sense
When a level sense is specified (STRG
= "01" or "11"), one level of the DMA request signal
indicates the DMA request. Since DMA requests detected in this way are not retained in the
DMAC, maintain the requesting level until acceptance of the DMA request has been confirmed.
Figure 11.7 is an example of DMA request reception processing when a level sense has been
selected.
Read
Write
System clock
DMA state
DMA acknowledge
output
Start of single operand transfer
DMA request input
(low level sense)
DMA request bit
[Legend]
: Sampling point for DMA request
Maintain DMA request level until DMA acknowledge output
is activated to indicate acceptance of the request
Figure 11.7 Example of DMA Request Reception Processing for a Level Sense
When a level sense has been selected, DMA request bit for the channel is masked over the period
from the start of the last write access of single operand transfer until four clock pulses (system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com