Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 389Page - Renesas Technology Corp SH7261 Datasheet HTML 390Page - Renesas Technology Corp SH7261 Datasheet HTML 391Page - Renesas Technology Corp SH7261 Datasheet HTML 392Page - Renesas Technology Corp SH7261 Datasheet HTML 393Page - Renesas Technology Corp SH7261 Datasheet HTML 394Page - Renesas Technology Corp SH7261 Datasheet HTML 395Page - Renesas Technology Corp SH7261 Datasheet HTML 396Page - Renesas Technology Corp SH7261 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 361 of 1312
REJ09B0320-0200
clock) after the end of the single operand transfer. This provides a margin in which continued
requests for DMA transfer on the same channel are rejected.
Figure 11.8 shows the period over which DMA request bit is masked when a level sense has been
selected.
System clock
DMA state
DMA acknowledge
output
Single operand transfer
DMA request input
(low level sense)
DMA request bit
[Legend]
: Sampling point for DMA requests
Start of channel arbitration
(Period of masking for the DMA request bit)
The period of the unit transfer operation in this example is short;
non-recognition of the DMA request during the masking period prevents a DMA
request that is cleared too late from affecting the next channel-arbitration period.
Read
Write
Figure 11.8 Period over which DMA Request Bit is Masked
when a Level Sense is Selected
Therefore, for a channel on which level sense has been selected, even when the DMA request
signal level is maintained (requesting further DMA transfer) well after the DMA request has been
accepted and handled, DMA requests on other channels, if they exist, are accepted. This is because
the DMA request on the channel on which level sense has been selected is not considered to exist
during the DMA request bit masking period.
In the case of sequential operand transfer, masking is only applied from the end of operand
transfer, i.e. when the byte count is 0. The DMA request is not masked while the byte count is
non-zero, so channel arbitration is executed without masking of the DMA request during the
actual unit transfer operation.
In the case of non-stop transfer, masking is only enabled from the end of the transfer operation, i.e.
when the byte count is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com