Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 390Page - Renesas Technology Corp SH7261 Datasheet HTML 391Page - Renesas Technology Corp SH7261 Datasheet HTML 392Page - Renesas Technology Corp SH7261 Datasheet HTML 393Page - Renesas Technology Corp SH7261 Datasheet HTML 394Page - Renesas Technology Corp SH7261 Datasheet HTML 395Page - Renesas Technology Corp SH7261 Datasheet HTML 396Page - Renesas Technology Corp SH7261 Datasheet HTML 397Page - Renesas Technology Corp SH7261 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 362 of 1312
REJ09B0320-0200
If the DMA transfer is not done sequentially, the DMA request must be canceled within three
cycles after the end of single operand transfer.
(2)
Edge sense
When an edge sense is specified (STRG = "00" or "10"), the rising or falling edge of the DMA
request signal indicates a DMA request.
When the selected edge is detected, the DMA request bit (DREQ) in the DMA control register B
(DMCNTBn) is set to "1". After that, the value in the DMA request bit (DREQ) is retained
regardless of shifts in the level of the DMA request signal. After the DMA request has been
accepted and the DAM acknowledge signal output, the DMA request bit (DREQ) is automatically
cleared to "0".
Since DMA requests are internally retained for a channel in edge sense mode, further occurrences
of the selected edge of the DMA request signal are ignored since the DMA request bit (DREQ)
has already been set back to "1".
Figure 11.9 is an example of DMA request reception processing when an edge sense is selected.
Read
Write
Read
System clock
DMA state
DMA acknowledge
output
The DMA request bit is set on detection of the selected edge.
The DMA request is thus maintained despite further changes
in the level of the DMA request signal.
Start of single operand transfer
DMA request input
(falling edge sense)
DMA request bit
[Legend]
: Sampling point for DMA requests
The DMA request bit is set on detection of the selected edge.
The DMA request is thus maintained despite further changes
in the level of the DMA request signal.
When the DMA request is accepted, the DMA acknowledge
signal is activated and the DMA request bit is cleared.
Figure 11.9 Example of DMA Request Reception Processing
when an Edge Sense is Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com