Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 386Page - Renesas Technology Corp SH7261 Datasheet HTML 387Page - Renesas Technology Corp SH7261 Datasheet HTML 388Page - Renesas Technology Corp SH7261 Datasheet HTML 389Page - Renesas Technology Corp SH7261 Datasheet HTML 390Page - Renesas Technology Corp SH7261 Datasheet HTML 391Page - Renesas Technology Corp SH7261 Datasheet HTML 392Page - Renesas Technology Corp SH7261 Datasheet HTML 393Page - Renesas Technology Corp SH7261 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 358 of 1312
REJ09B0320-0200
11.6
Suspending, Restarting, and Stopping of DMA Transfer
11.6.1
Suspending and Restarting DMA Transfer
Transfer on all channels of the DMAC can be suspended by clearing the DMST bit in the DMA
activation control register (DMSCNT) to "0". Transfer on a specific channel can also be
suspended by clearing the DMA transfer enable bit (DEN) in DMA control register B
(DMCNTBn) for that channel.
If the DMST bit or the corresponding DEN bit is cleared to "0" while single operand transfer or
sequential operand transfer is in progress, transfer is suspended on completion of the current single
operand transfer regardless of the transfer mode (whether transfer is in cycle-stealing or pipelined
mode).
When transfer in the non-stop transfer condition is in progress, DMA transfer is not suspended and
continues to completion (until the byte counter reaches "0") even if the DMST bit or
corresponding DEN bit is cleared to "0".
To restart DMA transfer on a channel for which transfer has been suspended, set (to "1")
whichever of DMST and the corresponding DEN bit has been cleared.
11.6.2
Stopping DMA Transfer on Any Channel
To stop transfer on any channel, suspend transfer on that channel and then initialize the interior
state of the DMAC for that channel by setting the DMAC internal state clear bit (DSCLR) in the
corresponding DMA control register B (DMCNTBn). In this case, only the transfer state of the
DMAC internal circuits is initialized; the registers retain their values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com