| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 396 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 396 Page - Renesas Technology Corp |
|
396 / 1348 page ![]() Section 11 Direct Memory Access Controller (DMAC) Rev. 2.00 Sep. 07, 2007 Page 364 of 1312 REJ09B0320-0200 ch2DMA ch3DMA ch0DMA ch2DMA ch3DMA ch0DMA ch1DMA ch1DMA ch3DMA ch3DMA DMA request (ch 1) DMA request (ch 2) DMA receive channel Notes: 1. Channels 0, 2 and 3 are set to level sensing. 2. Channel 1 is set to edge sensing. 3. Thick lines indicate periods where the corresponding DREQ bits are set. DMA request (ch 0) DMA request (ch 3) Masked period Masked period Masked period (1) (2) (3) (4) (5) (6) (7) (8) (9) Figure 11.10 Overall Operation during Multiple DMA Requests 11.8.3 Output of the DMA Acknowledge and DNA Active Signals The settings of the DMA active signal output control bits for the source and destination (SACT or DACT) in the corresponding DMA mode register control the output of the DMA active signal (DACT) for a channel. When SACT is set to 1, the DACT signal is activated in response to read access. When DACT is set to 1, the DACT signal is activated in response to write access. When both SACT and DACT are set to 1, the DACT signal is activated in response to read and write access. However, DACT signals are not activated for DMA requests from external peripheral circuits, regardless of the setting of this bit. The DMA acknowledge signal (DACK) is output throughout each single operand transfer. Figure 11.11 is the timing chart for DMA acknowledge and DMA active signal output. Note: The BSC is provided with a write buffer. Writing data to this buffer while writing to the external devices stops bus access in the chip. Because of this, in DMA transfer to or from external devices, the DACT or DACK signal become disabled ("H") before the end of external bus access. In this case, these signals are not synchronized with the external bus access. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |