Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 395Page - Renesas Technology Corp SH7261 Datasheet HTML 396Page - Renesas Technology Corp SH7261 Datasheet HTML 397Page - Renesas Technology Corp SH7261 Datasheet HTML 398Page - Renesas Technology Corp SH7261 Datasheet HTML 399Page - Renesas Technology Corp SH7261 Datasheet HTML 400Page - Renesas Technology Corp SH7261 Datasheet HTML 401Page - Renesas Technology Corp SH7261 Datasheet HTML 402Page - Renesas Technology Corp SH7261 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 367 of 1312
REJ09B0320-0200
11.10
Reload Function
Reloading can be set up for each transfer parameter (source address, destination address, or byte
count) of a channel through the setting of the individual reload function enable bits in the
corresponding DMA control register A (DMCNTAn). When the DMA transfer end condition is
detected, DMA transfer parameters specified for reloading are automatically reloaded.
(1)
Reload and Current Registers
If reloading is not in use, only place the data in the current register. When reloading is in use,
place data in both the reload and current registers.
Do not write to the current register during single operand transfer. If data is written to the register
during continuous operation, further operation is not guaranteed. Although the reload register can
be set during single operand transfer, ensure that this is not the last single operand transfer of a
DMA transfer. If the setting is executed after that point, the new setting may not be reloaded on
completion of the DMA transfer.
(2)
Continuous Transfer to Dispersed areas
The reload function enables continuous transfer to dispersed areas.
Writing to the DMA reload source/destination address register (DMRSADRn/ DMRDADRn) or
the DMA reload byte count register (DMRBCTn) before the completion of transfer provides a way
of preparing the parameters for the next transfer without affecting the current DMA transfer
(current registers). This enables the use of a single channel for the continuous transfer of multiple
transfer blocks consisting of different numbers of bytes to and from different transfer areas over a
single channel.
Figure 11.13 shows an example of the transfer of blocks between dispersed areas with the aid of
the reload function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com