Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 399Page - Renesas Technology Corp SH7261 Datasheet HTML 400Page - Renesas Technology Corp SH7261 Datasheet HTML 401Page - Renesas Technology Corp SH7261 Datasheet HTML 402Page - Renesas Technology Corp SH7261 Datasheet HTML 403Page - Renesas Technology Corp SH7261 Datasheet HTML 404Page - Renesas Technology Corp SH7261 Datasheet HTML 405Page - Renesas Technology Corp SH7261 Datasheet HTML 406Page - Renesas Technology Corp SH7261 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 371 of 1312
REJ09B0320-0200
(b)
Transfer to External Devices
Maximum transfer speed from an on-chip CPU block as the source (0 wait) to an external device
(2 write cycles).
• Cycle-stealing transfer mode
4 bytes / (1 read cycle
+ 2 write cycles + 1 idle cycle) × 60 MHz = 60 Mbytes/sec
• Pipelined transfer mode
4 bytes / (2 write cycles)
× 60 MHz = 120 Mbytes/sec
Maximum transfer speed from an external device (4 read cycles) to an on-chip CPU block source
(0 wait)
• Cycle-stealing transfer mode
4 bytes / (4 read cycles
+ 1 write cycle + 1 idle cycle) × 60 MHz = 39.6 Mbytes/sec
• Pipelined transfer mode
4 bytes / (4 read cycles)
× 60 MHz = 60 Mbytes/sec
Maximum transfer speed from an external device (4 read cycles) to an external device (2 write
cycles)
• Cycle-stealing transfer mode
4 bytes / (4 read cycles
+ 2 write cycles + 1 idle cycle) × 60 MHz = 34.2 Mbytes/sec
• Pipelined transfer mode
No pipelined transfer is possible between the external devices.
Note:
Access to external devices is controlled by the settings of the BSC control registers. For
details, see section 9, Bus State Controller (BSC).
11.13
Usage Note
11.13.1
Note on Making a Transition To Software Standby Mode or Deep Standby Mode
If the SLEEP instruction is executed to make a transition to software standby mode or deep
standby mode during transfer by the DMAC, the DMAC stops its operation without waiting for
the completion of the transfer. Thus, the DMA transfer is not guaranteed. Therefore, when making
a transition to software standby mode or deep standby mode, wait for the completion of the DMA
transfer or stop the DMA transfer to execute the SLEEP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com