Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 397Page - Renesas Technology Corp SH7261 Datasheet HTML 398Page - Renesas Technology Corp SH7261 Datasheet HTML 399Page - Renesas Technology Corp SH7261 Datasheet HTML 400Page - Renesas Technology Corp SH7261 Datasheet HTML 401Page - Renesas Technology Corp SH7261 Datasheet HTML 402Page - Renesas Technology Corp SH7261 Datasheet HTML 403Page - Renesas Technology Corp SH7261 Datasheet HTML 404Page - Renesas Technology Corp SH7261 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 369 of 1312
REJ09B0320-0200
11.11
Rotate Function
When rotation is selected as the address "indexing" mode, the address is incremented. On
completion of single operand transfer, the value in a working source or working destination
address register for which rotation has been selected returns to the value of the source or
destination address register (DMCSADRn or DMCDADRn) for the corresponding channel.
Figure 11.14 is an example of transfer using the rotate function (source: rotation, destination:
incrementation).
Number of transfers in single operand transfer: 8 bytes
Current source address
setting value
Source data for transfer
8 data
(32 bytes)
Current destination
address setting value
Total data
transferred
Interrupt
request
DMA end
Number of bytes for transfer: 96 bytes
Data transfer
Operand transfer
Block 1
8 data
(32 bytes)
Block 2
8 data
(32 bytes)
Block 3
8 data
(32 bytes)
Data transferred
in single operand
transfer
Data transferred
in single operand
transfer
Data transferred
in single operand
transfer
Operand transfer
Operand transfer
Figure 11.14 Example of Transfer Using the Rotate Function
(Source: Rotate, Destination: Increment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com