Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 398Page - Renesas Technology Corp SH7261 Datasheet HTML 399Page - Renesas Technology Corp SH7261 Datasheet HTML 400Page - Renesas Technology Corp SH7261 Datasheet HTML 401Page - Renesas Technology Corp SH7261 Datasheet HTML 402Page - Renesas Technology Corp SH7261 Datasheet HTML 403Page - Renesas Technology Corp SH7261 Datasheet HTML 404Page - Renesas Technology Corp SH7261 Datasheet HTML 405Page - Renesas Technology Corp SH7261 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 370 of 1312
REJ09B0320-0200
11.12
Transfer Speed
Transfer speeds are calculated as shown below.
(1)
Conditions for Calculation
• DMA transfer mode: cycle-stealing transfer mode/pipelined transfer mode
• Transfer unit (one data size): properly aligned 32-bit data
• Operating clock: 60 MHz
• Number of cycles for access to external devices:
four cycles for reading; and
two cycles for writing.
(2)
Formulae Used in Calculation
• Cycle-stealing transfer mode
(data size in unit data transfer) / (number of read cycles
+ number of write cycles +
one idle cycle)
× operating clock
• Pipelined transfer mode
(data size in unit data transfer) / (whichever is larger of number of read or write cycles)
×
operating clock
Note:
During transfer in the pipelined transfer mode, most read and write cycles overlap.
An example of the calculation of transfer speed is given below.
(a)
Transfer between On-chip RAM
Maximum speed of transfer between on-chip RAM (0 wait) and on-chip RAM (0 wait).
• Cycle-stealing transfer mode
4 bytes / (1 read cycle
+ 1 write cycle + 1 idle cycle) × 60 MHz = 79.8 Mbytes/sec
• Pipelined transfer mode
Pipelined transfer through a single BIU is not possible. See section 11.4.1 (2), Pipelined
Transfer Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com