Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 368Page - Renesas Technology Corp SH7261 Datasheet HTML 369Page - Renesas Technology Corp SH7261 Datasheet HTML 370Page - Renesas Technology Corp SH7261 Datasheet HTML 371Page - Renesas Technology Corp SH7261 Datasheet HTML 372Page - Renesas Technology Corp SH7261 Datasheet HTML 373Page - Renesas Technology Corp SH7261 Datasheet HTML 374Page - Renesas Technology Corp SH7261 Datasheet HTML 375Page - Renesas Technology Corp SH7261 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 340 of 1312
REJ09B0320-0200
11.3.12
DMA Common Interrupt Control Register (DMICNTA)
DMICNTA determines which channels contribute to the output of a common interrupt request
signal.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RRRRRRRR
0000000000000000
RRRRRRRRRRRRRRRR
DINTA
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—————————
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24 DINTA
All 0
R/W
DMA Common Interrupt Request Signal Control
These bits are used to determine which channels
contribute to the output of a common interrupt request
signal.
Channels for which the DINTA bit is set to "1"
contribute to the output of a common interrupt request
signal.
Channels for which the DINTA bit is cleared to "0" do
not contribute to the output of a common interrupt
request signal.
Only the states of channels for which the
corresponding DINTA bit is set to "1" are reflected in
the DMA interrupt status register (DMISTS) when a
common interrupt request signal has been generated.
For details, see section 11.5.2, DMA Interrupt
Requests.
0: The channel does not contribute to the output of a
common interrupt requests
1: The channel contributes to the output of a common
interrupt request
23 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
Bits 31 to 24 correspond to channel 0 to 7, respectively (31: channel 0, 30: channel
1, …, 24: channel 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com