Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 365Page - Renesas Technology Corp SH7261 Datasheet HTML 366Page - Renesas Technology Corp SH7261 Datasheet HTML 367Page - Renesas Technology Corp SH7261 Datasheet HTML 368Page - Renesas Technology Corp SH7261 Datasheet HTML 369Page - Renesas Technology Corp SH7261 Datasheet HTML 370Page - Renesas Technology Corp SH7261 Datasheet HTML 371Page - Renesas Technology Corp SH7261 Datasheet HTML 372Page - Renesas Technology Corp SH7261 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1348 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 337 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
DSCLR
0
R/W
DMA Internal State Clear
Writing a "1" to this bit stops DMA transfer in the
middle of a sequence of DMA transfer, suspending the
remainder of the transfer and initializing the internal
state of the DMAC. Writing a "1" to this bit only clears
the transfer state of the DMAC internal circuit. The
other registers are not initialized. Writing "0" is invalid
and a "1" written to this bit is not retained. This bit is
always read as "0".
Note: This bit must only be written to when the
corresponding channel is not in the midst of
single operand transfer (DASTS in the channel
corresponding to the DMA arbitration status
register (DMASTS) is "0") and DMA transfer has
been disabled (DMST in the DMA activation
control register (DMSCNT) or DEN in DMA
control register B (DMCNTBn) is set to "0").
Operation is not guaranteed when this bit is
written to while these conditions do not apply.
When reading:
Always read as "0"
When writing:
0: Invalid
1: Initializes the DMAC's internal state
Note:
When the software trigger is selected as the DMA request source, the DMA request bit
(DREQ) can be set to "1" regardless of the settings of the DMA transfer enable bit (DEN)
and DMAC module activation bit (DMST) and whether or not a transfer operation is
currently in progress. However, even if the software trigger is selected as the DMA request
source, only clear the DMA request bit (DREQ) to "0" or write to the DMAC internal state
clearing bit (DSCLR) when a transfer operation is not in process on the corresponding
channel (the corresponding DASTS bit in the DMA arbitration status register (DMASTS) is
"0") and DMA transfer has been disabled (DMST in the DMA activation control register
(DMSCNT) or DEN in the DMA control register B (DMCNTBn) is set to "0"). Operation is not
guaranteed if this register is written to when these conditions are not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com