Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 420Page - Renesas Technology Corp SH7261 Datasheet HTML 421Page - Renesas Technology Corp SH7261 Datasheet HTML 422Page - Renesas Technology Corp SH7261 Datasheet HTML 423Page - Renesas Technology Corp SH7261 Datasheet HTML 424Page - Renesas Technology Corp SH7261 Datasheet HTML 425Page - Renesas Technology Corp SH7261 Datasheet HTML 426Page - Renesas Technology Corp SH7261 Datasheet HTML 427Page - Renesas Technology Corp SH7261 Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 392 of 1312
REJ09B0320-0200
Table 12.11 Setting of Operation Mode by Bits MD0 to MD3
Bit 3
MD3
Bit 2
MD2
Bit 1
MD1
Bit 0
MD0
Description
0
0
0
0
Normal operation
1
Setting prohibited
1
0
PWM mode 1
1
PWM mode 2*
1
1
0
0
Phase counting mode 1*
2
1
Phase counting mode 2*
2
1
0
Phase counting mode 3*
2
1
Phase counting mode 4*
2
1
0
0
0
Reset synchronous PWM mode*
3
1
Setting prohibited
1
X
Setting prohibited
1
0
0
Setting prohibited
1
Complementary PWM mode 1 (transmit at crest)*
3
1
0
Complementary PWM mode 2 (transmit at trough)*
3
1
Complementary PWM mode 2 (transmit at crest and
trough)*
3
[Legend]
X:
Don't care
Notes: 1. PWM mode 2 cannot be set for channels 3 and 4.
2. Phase counting mode cannot be set for channels 0, 3, and 4.
3. Reset synchronous PWM mode, complementary PWM mode can only be set for
channel 3. When channel 3 is set to reset synchronous PWM mode or complementary
PWM mode, the channel 4 settings become ineffective and automatically conform to the
channel 3 settings. However, do not set channel 4 to reset synchronous PWM mode or
complementary PWM mode. Reset synchronous PWM mode and complementary PWM
mode cannot be set for channels 0, 1, and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com